Part Number Hot Search : 
MT8963 035CT 93LC4 28F800 MA150 T138AF C5750 RM21B
Product Description
Full Text Search
 

To Download MACP-009011-C80370 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MACP-009011-C80370
E-Series 75 Ohm 8 dB Coupler 5 - 1200 MHz
Features
* * * * * Coupling 8dB Typical Surface Mount Low Profile Available on Tape and Reel Excellent Temperature Stability
M/A-COM Products
Revision : V2 Schematic
Description
M/A-COM's MACP-009011-C80370 is a high performance 75 Ohm Coupler, in a SM-55A low cost, surface mount package. The MACP-009011-C80370 is designed for use in high volume CATV applications. Typical applications include set-top boxes, Network Interface Units, Broadband Amplifiers and head-end equipment.
Case Style SM-55A
Pin Configuration
Function Output Not Connected Isolation, external 75-Ohm Coupled Ground Input Pin Number 1 2 3 4 5 6
Dimensions in inches [mm] Tolerance: .xx .02, .xxx .010
Ordering Information
Part Number MACP-009011-C80370 MACP-009011-C803TB
1
Function 900 parts per reel Customer test board
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MACP-009011-C80370
E-Series 75 Ohm 8 dB Coupler 5 - 1200 MHz
Electrical Specifications: TA = 25C, Z0 = 75
Parameter Frequency Range Mainline Loss * Frequency 5-1200 MHz 5-870 MHz 870-1002 MHz 1002-1200 MHz 5-1002 MHz 1002-1200 MHz 5-1200 MHz 5-870 MHz 870-1200 MHz 5-50 MHz 50-1200MHz 5-50 MHz 50-870 MHz 870-1200 MHz 5-1200 MHz dB dB dB dB dB dB dB dB dB dB dB dB dB dB 2.0 2.3 2.6 8.5 8.7 ---- -- -- -- -- -- -- -- 1.5 1.85 2.1 8.3 8.0 0.5 17.5 12.8 18.8 18.7 31.3 33.5 32.0 18.5 -- -- -- 7.5 7.3 0.8 11 9 17.0 16.5 23 20 20 16 Units Min. Typ. Max
M/A-COM Products
Revision : V2
Coupling Coupling flatness Directivity Return Loss Input Return Loss Output
*
Return Loss Coupled
*
Absolute Maximum Ratings 1
Parameter RF Power DC Current Operating Temperature Storage Temperature Absolute Maximum 250mW 30mA -20 C to + 85 C -20 C to + 85 C
Recommended PCB Configuration
Dimensions in inches [mm] Tolerance: .xx .02, .xxx .010
* Monitored in production test/tune 2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MACP-009011-C80370
E-Series 75 Ohm 8 dB Coupler 5 - 1200 MHz
Typical Performance: TA = 25C, Z0 = 75 Mainline Loss Return Loss: Input
0 -5 -10
M/A-COM Products
Revision : V2
0.0
-0.5 -1.0
dB
dB
-15 -20 -25 -30 -35
-1.5 -2.0 -2.5 5 244 483 722 961 1200
5
244
483
722
961
1200
Frequency (MHz)
Frequency (MHz)
-6
Coupling
Return Loss: Output
0 -5
-7
-10
dB
-8
dB
-15 -20 -25 -30
-9
-1 0 5 244 483 722 961 1 200
-35 5 244 483 722 961 1200
Frequency (MHz)
Frequency (MHz)
0 -5 -1 0
Directivity
Return Loss: Coupling
0 -5 -1 0
dB
-20 -25 -30 -35 5 244 483 722 961 1 200
dB
-1 5
-1 5 -20 -25 -30 -35 5 244 483 722 961 1 200
Frequency (MHz)
3
Frequency (MHz)
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MACP-009011-C80370

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X